PART |
Description |
Maker |
BUV28A BUV40 BUV27A BUW91 BUV26A |
8-bit MCU for automotive with single voltage, Flash memory, data EEPROM, ADC, timers, SPI 8-bit low cost, low pin-count MCU for automotive with single voltage Flash memory, ADC, timers 8-bit MCU for automotive with Flash or ROM, 10-bit ADC, 5 timers, SPI, LINSCI", active CAN 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 12A条一(c)| TO - 220AB现有 VERY LOW DROP VOLTAGE REGULATOR 晶体管|晶体管| npn型| 200伏五(巴西)总裁|5A一(c)|的SOT - 93
|
STMicroelectronics N.V.
|
ST72F32AK2TCXS |
8-bit MCU for automotive, 16 Kbyte Flash, 10-bit ADC, 4 timers, SPI, SCI
|
ST Microelectronics
|
ST72F321J9TAS ST72F321J9TCS ST72F321J9TCXS ST72F32 |
8-bit MCU for automotive with 60 Kbyte Flash, 10-bit ADC, timers, SPI, SCI and I2C interfaces
|
ST Microelectronics
|
UAA2067GB-S |
8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 收发器电路电
|
NXP Semiconductors N.V.
|
ST72C215G2MCE |
8-bit MCU for automotive with single voltage Flash/ROM memory,ADC, 16-bit timers, SPI, I2C interfaces
|
ST Microelectronics
|
ST72104GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
C8051F531A C8051F531A-IM C8051F531A-IT |
25 MIPS, 8 kB Flash, 12-Bit ADC, 20-Pin Automotive MCU
|
Silicon Laboratories
|
SPC564A70B4CFAY SPC564A70L7CFAY SPC564A70L7COCR SP |
32-bit Power Architecture MCU for Automotive Powertrain Applications
|
ST Microelectronics
|
SPC563M64L7COAR SPC563M64L7COAY SPC563M64L7COBR SP |
32-bit Power Architecture MCU for Automotive Powertrain Applications
|
ST Microelectronics
|
UAA2080TD |
3.3V range 8-bit MCU for automotive with 16/32 Kbyte Flash or 16 Kbyte ROM, 10-bit ADC, 4 timers, SPI and SCI interfaces 询价/ FSK信号解调
|
ALPS Electric Co., Ltd.
|
ST7FL15F1MATRE ST7L15 ST7L19 ST7FL15F1MAE ST7FL15F |
8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
|
STMICROELECTRONICS[STMicroelectronics]
|
T89C51RD2-3CSIM ATMELCORP-AT89LP213-20PU TSC80251A |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 12 MHz, MICROCONTROLLER, PQFP44 20MHZ, TQFP, IND TEMP, GREEN(MCU AVR) MCU AVR32 256K FLASH 100TQFP MCU AVR 2K FLASH 20MHZ 20VQFN 16MHZ, TQFP, IND TEMP, GREEN, 5.0(MCU AVR) -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 10MHZ, PDIP, IND TEMP, GREEN(MCU AVR) MCU AVR 256K FLASH 1.8V 64-TQFP MCU AVR 64K FLASH 1.6V 100-TQFP 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP64 MCU AVR 4K FLASH 15MHZ 20-QFN 8MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) IC MCU 512KB FLASH 144TFBGA MCU AVR 32K FLASH 1.6V 44-QFN BGA,ROHS-A,IND TEMP(ARM) 20MHZ,3X3 QFN/MLF, IND.TEMP, GREEN, 5V(MCU AVR) MCU AVR 64K FLASH 1.8V 64-TQFP MCU AVR 16K FLASH 4MHZ 36-LGA MCU AVR32 128K FLASH 48-QFN 8-BIT, 60 MHz, MICROCONTROLLER, PDIP40
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
|